design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer aluminum electrolytic capacitors w2 w1 l p w2 p h + C cap. polarity bar (positive) r.v. code lot no. large capacitance (560 f max.) low esr (4.5 m to 9 m ) high ripple current (8500 mar.m.s. max.) rohs compliance, halogen free surface mount type series : sx (low esr products) features speci cations series sx category temp. range C55 c to +105 c rated voltage range 2 v.dc to 6.3 v.dc nominal cap.range 82 f to 560 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.1 cv (a) 2 minutes dissipation factor (tan d ) < 0.06 (120 hz/+20 c) surge voltage (v.dc) rated voltage 1.25 (15 c to 35 c) endurance +105 c, 2000 h, rated voltage applied capacitance change within 20 % of the initial value tan d < 2 times of the initial limit dc leakage cur rent < 3 times of the initial limit damp heat (steady state) +60 c, 90 %, 500 h, no-applied voltage capacitance change of initial measurd val ue 2 to 2.5 v.dc 4 v.dc 6.3 v.dc +70 %, C20 % +60 %, C20 % +50 %, C20 % tan d < 2 times of the initial limit dc leakage current within the initial limit marking unit : mm series l0.2 w10.2 w20.1 h0.1 p0.3 sx 7.3 4.3 2.4 1.9 1.3 externals of ? gure are the reference. rated voltage mark d 2 v.dc e 2.5 v.dc g 4 v.dc j 6.3 v.dc dimensions (not to scale) mar. 2018 06 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer aluminum electrolytic capacitors reflow 1: ripple current (100 khz/ +45c ), 2: esr (100 khz/+20 c) 3: please refer to the page of mounting speci? cations. 4: please contact us when 500 pcs packing is necessary. series rated voltage (v.dc) capacitance (20 %) (f) case size (mm) speci? cation part number min. 4 packaging qty (pcs) lwh 1 ripple current (mar.m.s.) 2 esr (m max.) sx 2 180 7.3 4.3 1.9 6300 9 eefsx0d181er 3500 220 7.3 4.3 1.9 6300 9 eefsx0d221er 3500 270 7.3 4.3 1.9 6300 9 eefsx0d271er 3500 7.3 4.3 1.9 7500 6 eefsx0d271xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0d271e4 3500 330 7.3 4.3 1.9 6300 9 eefsx0d331er 3500 7.3 4.3 1.9 7500 6 eefsx0d331xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0d331e4 3500 390 7.3 4.3 1.9 6300 9 eefsx0d391er 3500 7.3 4.3 1.9 7500 6 eefsx0d391xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0d391e4 3500 470 7.3 4.3 1.9 6300 9 EEFSX0D471ER 3500 7.3 4.3 1.9 7500 6 eefsx0d471xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0d471e4 3500 560 7.3 4.3 1.9 8500 4.5 eefsx0d561e4 3500 2.5 150 7.3 4.3 1.9 6300 9 eefsx0e151er 3500 180 7.3 4.3 1.9 6300 9 eefsx0e181er 3500 220 7.3 4.3 1.9 6300 9 eefsx0e221er 3500 7.3 4.3 1.9 7000 7 eefsx0e221e7 3500 270 7.3 4.3 1.9 7000 7 eefsx0e271e7 3500 330 7.3 4.3 1.9 6300 9 eefsx0e331er 3500 7.3 4.3 1.9 7500 6 eefsx0e331xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0e331e4 3500 390 7.3 4.3 1.9 6300 9 eefsx0e391er 3500 7.3 4.3 1.9 7500 6 eefsx0e391xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0e391e4 3500 470 7.3 4.3 1.9 6300 9 eefsx0e471er 3500 7.3 4.3 1.9 7500 6 eefsx0e471xe 3500 7.3 4.3 1.9 8500 4.5 eefsx0e471e4 3500 4 82 7.3 4.3 1.9 6300 9 eefsx0g820er 3500 100 7.3 4.3 1.9 6300 9 eefsx0g101er 3500 150 7.3 4.3 1.9 6300 9 eefsx0g151er 3500 7.3 4.3 1.9 7000 7 eefsx0g151e7 3500 180 7.3 4.3 1.9 6300 9 eefsx0g181er 3500 220 7.3 4.3 1.9 6300 9 eefsx0g221er 3500 270 7.3 4.3 1.9 6300 9 eefsx0g271er 3500 330 7.3 4.3 1.9 6300 9 eefsx0g331er 3500 7.3 4.3 1.9 7500 6 eefsx0g331xe 3500 6.3 120 7.3 4.3 1.9 7000 7 eefsx0j121e7 3500 150 7.3 4.3 1.9 6300 9 eefsx0j151er 3500 180 7.3 4.3 1.9 6300 9 eefsx0j181er 3500 220 7.3 4.3 1.9 6300 9 eefsx0j221er 3500 characteristics list temp. t < 45 c 45 c < t < 85 c 85 c < t < 105 c coef? cient 1.0 0.7 0.25 temperature compensation multipliers for ripple current new new new mar. 2018 06 downloaded from: http:///
if you want to use our products described in this onlin e catalog for applications requiring special qualities or reliability, or for applications where the failure or malfunction of the products may directly jeopardize human life or potentially caus e personal injury (e.g. aircraft and aerospace equipment, traffic and transportat ion equipment, combustion equipment, medical equipment, accident prevention, anti-crime eq uipment, and/or safety equipment), it is necessary to verify whether the specificatio ns of our products fit to such applications. please ensure that you will ask and check with our inquiry desk as to whether the specifications of our products fit to such applications use before you use our products. the quality and performance of our products as described in this online catalog only apply to our products when used in isolation. therefore, please en sure you evaluate and verify our products under the specific circumstances in which our pr oducts are assembled in your own products and in which our products will actually be used. if you use our products in equipment that requires a h igh degree of reliability, regardless of the application, it is recommended that you set up protectio n circuits and redundancy circuits in order to ensure safety of your equipment. the products and product specifications described in this online catalog are subject to change for improvement without prior notice. therefore, pleas e be sure to request and confirm the latest product specifications which explain the specifications of our products in detail, before you finalize the design of your applications, pu rchase, or use our products. the technical information in this online catalog provides example s of our products' typical operations and application circuits. we do not guarantee the non-infringement of third party's intellectual property rights and we do not grant any license, right, or interest in our intellectual property. if any of our products, product specifications and/or technical information in this online catalog is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially with regard to security and ex port control, shall be observed. the switchover date for compliance with the rohs directive /reach regulations varies depending on the part number or series of our products. when you use the inventory of our products for which it is unc lear whether those products are compliant with the rohs directive/reach regulation, please se lect "sales inquiry" in the website inquiry form and contact us. we do not take any responsibility for the use of our products outside the scope of the specifications, descriptions, guidelines and precautions described in this online catalog. guidelines and precautions regarding the described in this online catalog. downloaded from: http:///
|